Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955L Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8955L
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955L Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8955L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8955L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Product Preview
WM8955L
w
Product Preview Rev 0.4 May2003
3
PIN DESCRIPTION
PIN #
NAME
TYPE
DESCRIPTION
1MCLK
Digital Input
Master Clock
2DCVDD
SupplyDigital Core Supply
3DBVDD
SupplyDigital Buffer (I/O) Supply
4DGND
SupplyDigital Ground (return path for both DCVDD and DBVDD)
5BCLK
Digital Input / Output
Audio Interface Bit Clock
6DACDAT
Digital Input
DAC Digital Audio Data
7DACLRC
Digital Input / Output
Audio Interface Left / Right Clock
8CLKOUT
Digital Output
Buffered Clock Output (from MCLK or internal PLL)
9
PLLGND
SupplyInternally
connected to AGND. Connect this pin to AGND externally
for best PLL performance, or leave floating.
10
MONOOUT
Analogue Output
Mono Output
11
OUT3
Analogue Output
Output 3 (can be used as Headphone Pseudo Ground)
12
ROUT1
Analogue Output
Right Output 1 (Line or Headphone)
13
LOUT1
Analogue Output
Left Output 1 (Line or Headphone)
14
HPGND
SupplySupply
for Analogue Output Drivers (LOUT1/2, ROUT1/2)
15
ROUT2
Analogue Output
Right Output 1 (Line or Headphone or Speaker)
16
LOUT2
Analogue Output
Left Output 1 (Line or Headphone or Speaker)
17
HPVDD
SupplySupply
for Analogue Output Drivers (LOUT1/2, ROUT1/2, MONOUT)
18
AVDD
SupplyAnalogue Supply
19
AGND
SupplyAnalogue Ground (return path for AVDD)
20
VREF
Analogue Output
Reference Voltage Decoupling Capacitor
21
VMID
Analogue Output
Midrail Voltage Decoupling Capacitor
22
NC
No Connect
No Internal Connection
23
HPDETECT
Logic Input
Headphone / Speaker switch (referred to AVDD)
24
NC
No Connect
No Internal Connection
25
MONOIN-
Analogue Input
Negative end of MONOIN+, for differential mono signals
26
MONOIN+
Analogue Input
Analogue Line-in to mixers (mono channel)
27
LINEINR
Analogue Input
Analogue Line-in to mixers (right channel)
28
LINEINL
Analogue Input
Analogue Line-in to mixers (left channel)
29
MODE
Digital Input
Control Interface Selection
30
CSB
Digital Input
Chip Select / Device Address Selection
31
SDIN
Digital Input/Output
Control Interface Data Input / 2-wire Acknowledge output
32
SCLK
Digital Input
Control Interface Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com