Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8751L Datasheet (PDF) - Wolfson Microelectronics plc

WM8751L Datasheet PDF - Wolfson Microelectronics plc
Part # WM8751L
Download  WM8751L Download
File Size   495.62 Kbytes
Page   45 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO DAC FOR PORTABLE AUDIO APPLICATIONS

WM8751L Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8751L Datasheet PDF - Wolfson Microelectronics plc

Part # WM8751L
Download  WM8751L Click to download

File Size   495.62 Kbytes
Page   45 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO DAC FOR PORTABLE AUDIO APPLICATIONS

WM8751L Datasheet (HTML) - Wolfson Microelectronics plc


WM8751L Product details

DESCRIPTION

The WM8751L is a low power, high quality stereo DAC with integrated headphone and loudspeaker amplifiers, designed to reduce external component requirements in portable digital audio applications.



FEATURES

• DAC SNR 98dB, THD -86dB (‘A’ weighted @ 48kHz, 3.3V)

• On-chip 400mW BTL Speaker Driver (mono)

• On-chip Headphone Driver

-  40mW output power on 16Ω/ 3.3V

-  SNR 96dB, THD –79dB at 20mW with 16Ωload

• Stereo and Mono Line-in mix into DAC output

• Separately Mixed Stereo and Mono Outputs

• Digital Tone Control and Bass Boost

• Low Power

-  Down to 7mW for stereo playback (1.8V / 1.5V supplies)

- 10µW Shutdown Mode

• Low Supply Voltages

-  Analogue and Digital I/O: 1.8V to 3.6V

-  Digital core: 1.42V to 3.6V

• 256fs / 384fs or USB master clock rates: 12MHz, 24MHz

• Audio sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48, 88.2, 96kHz generated internally from master clock

• 32-lead QFN package, 5x5x0.9mm size, 0.5mm lead pitch



APPLICATIONS

•Digital Audio Player

•MP3 Phone

•Minidisc Player




Similar Part No. - WM8751L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750-EV1M WOLFSON-WM8750-EV1M Datasheet
1Mb / 48P
Evaluation Board User Handbook
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750BLGEFL WOLFSON-WM8750BLGEFL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750BLGEFL/R WOLFSON-WM8750BLGEFL/R Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
More results


Similar Description - WM8751L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com