Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8912 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
w
WM8912
Ultra Low Power DAC with Headphone Driver
for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, September 2010, Rev 4.0
Copyright
©2010 Wolfson Microelectronics plc
DESCRIPTION
The WM8912 is a high performance ultra-low power stereo
DAC optimised for portable audio applications.
The device features stereo ground-referenced headphone
amplifiers using the Wolfson ‘Class-W’ amplifier techniques
- incorporating an innovative dual-mode charge pump
architecture - to optimise efficiency and power consumption
during playback. The ground-referenced outputs eliminate
headphone coupling capacitors. The outputs include
common mode feedback paths to reject ground noise.
Control sequences for audio path setup can be pre-loaded
and executed by an integrated control write sequencer to
reduce software driver development and minimise pops and
clicks via Wolfson’s SilentSwitch™ technology.
A dynamic range controller provides compression and level
control to support a wide range of portable recording
applications. Anti-clip and quick release features offer good
performance in the presence of loud impulsive noises.
ReTuneTM Mobile 5-band parametric equaliser with fully
programmable coefficients is integrated for optimization of
speaker characteristics.
Common audio sampling frequencies are supported from a
wide range of external clocks, either directly or generated
using the integrated FLL.
The WM8912 can operate directly from a single 1.8V
switched supply. For optimal power consumption, the digital
core can be operated from a 1.0V supply.
FEATURES
•
3.8mW quiescent power consumption for DAC to
headphone playback
•
DAC SNR 96dB typical, THD -86dB typical
•
Class W ground-referenced headphone driver
-
28mW per channel into 30
Ω at <1% THD
-
32mW per channel into 15
Ω at <1% THD
•
Dynamic range controller
•
ReTune™ Mobile parametric equalizer
•
Integrated control write sequencer for pop minimised start-
up and shutdown
•
Single register write for default start-up and shutdown
sequences
•
On-chip FLL provides all necessary clocks
•
DAC supports standard sample rates from 8kHz to 96kHz
•
32-pin QFN package (4x4mm, 0.4mm pitch)
APPLICATIONS
•
Portable multimedia players
•
Multimedia handsets
•
Handheld gaming


Similar Part No. - WM8912

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
Ultra Low Power DAC with Headphone Driver
More results

Similar Description - WM8912

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
Ultra Low Power DAC with Headphone Driver
WM8918 CIRRUS-WM8918 Datasheet
1Mb / 176P
Ultra Low Power DAC for Portable Audio Applications
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com