Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
71
In order to follow the above requirements for FVCO, the value of FLL_OUTDIV should be selected
according to the desired output FOUT. The divider, FLL_OUTDIV, must be set so that FVCO is in the
range 90-100MHz. The available divisions are integers from 4 to 64. Some typical settings of
FLL_OUTDIV are noted in Table 46.
OUTPUT FREQUENCY FOUT
FLL_OUTDIV
2.8125 MHz - 3.125 MHz
011111 (divide by 32)
3.75 MHz - 4.1667 MHz
011000 (divide by 24)
5.625 MHz - 6.25 MHz
001111 (divide by 16)
11.25 MHz - 12.5 MHz
000111 (divide by 8)
18 MHz - 20 MHz
000100 (divide by 5)
22.5 MHz - 25 MHz
000011 (divide by 4)
Table 46 Selection of FLL_OUTDIV
The value of FLL_FRATIO should be selected as described in Table 47.
REFERENCE FREQUENCY FREF
FLL_FRATIO
1MHz - 13.5MHz
0h (divide by 1)
256kHz - 1MHz
1h (divide by 2)
128kHz - 256kHz
2h (divide by 4)
64kHz - 128kHz
3h (divide by 8)
Less than 64kHz
4h (divide by 16)
Table 47 Selection of FLL_FRATIO
In order to determine the remaining FLL parameters, the FLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x FLL_OUTDIV)
The value of FLL_N and FLL_K can then be determined as follows:
N.K = FVCO / (FLL_FRATIO x FREF)
See Table 48 for the coding of the FLL_OUTDIV and FLL_FRATIO fields.
Note that FREF is the input frequency, after division by FLL_CLK_REF_DIV, where applicable.
In FLL Fractional Mode, the fractional portion of the N.K multiplier is held in the FLL_K register field.
This field is coded as a fixed point quantity, where the MSB has a weighting of 0.5. Note that, if
desired, the value of this field may be calculated by multiplying K by 216 and treating FLL_K as an
integer value, as illustrated in the following example:
If N.K = 8.192, then K = 0.192
Multiplying K by 216 gives 0.192 x 65536 = 12582.912 (decimal)
Apply rounding to the nearest integer = 12583 (decimal) = 3127 (hex)
For best performance, FLL Fractional Mode should always be used. Therefore, if the calculations
yield an integer value of N.K, then it is recommended to adjust FLL_OUTDIV in order to obtain a
non-integer value of N.K. Care must always be taken to ensure that the FLL operating frequency,
FVCO, is within its recommended limits of 90-100 MHz.
The register fields that control the FLL are described in Table 48. Example settings for a variety of
reference frequencies and output frequencies are shown in Table 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com