Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
98
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R18 (12h)
Power
Managemen
t 6
3
DACL_ENA
0
Left DAC Enable
0 = DAC disabled
1 = DAC enabled
2
DACR_ENA
0
Right DAC Enable
0 = DAC disabled
1 = DAC enabled
Register 12h Power Management 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R20 (14h)
Clock Rates
0
14
TOCLK_RATE
_DIV16
0
TOCLK Rate Divider (/16)
0 = f / 1
1 = f / 16
13
TOCLK_RATE
_X4
0
TOCLK Rate Multiplier
0 = f x 1
1 = f x 4
0
MCLK_DIV
0
Enables divide by 2 on MCLK
0 = SYSCLK = MCLK
1 = SYSCLK = MCLK / 2
Register 14h Clock Rates 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R21 (15h)
Clock Rates
1
13:10
CLK_SYS_RA
TE [3:0]
0011
Selects the SYSCLK / fs ratio
0000 = 64
0001 = 128
0010 = 192
0011 = 256
0100 = 384
0101 = 512
0110 = 768
0111 = 1024
1000 = 1408
1001 = 1536
2:0
SAMPLE_RAT
E [2:0]
101
Selects the Sample Rate (fs)
000 = 8kHz
001 = 11.025kHz, 12kHz
010 = 16kHz
011 = 22.05kHz, 24kHz
100 = 32kHz
101 = 44.1kHz, 48kHz
110 to 111 = Reserved
Register 15h Clock Rates 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com