Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
46
REFERENCE VOLTAGES AND MASTER BIAS
This section describes the analogue reference voltage and bias current controls. Note that, under the
recommended usage conditions of the WM8912, these features will be configured by scheduling the
default Start-Up and Shutdown sequences as described in the “Control Write Sequencer” section. In
these cases, the user does not need to set these register fields directly.
The analogue circuits in the WM8912 require a mid-rail analogue reference voltage, VMID. This
reference is generated from AVDD via a programmable resistor chain.
VMID is enabled by setting the VMID_ENA register bit. The programmable resistor chain is
configured by VMID_RES [1:0], and can be used to optimise the reference for normal operation, low
power standby or for fast start-up as described in Table 29. For normal operation, the VMID_RES
field should be set to 01.
The analogue circuits in the WM8912 require a bias current. The normal bias current is enabled by
setting BIAS_ENA. Note that the normal bias current source requires VMID to be enabled also.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
VMID
Control (0)
2:1
VMID_RES
[1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
0
VMID_ENA
0
Enable VMID master bias current source
0 = Disabled
1 = Enabled
R4 (04h)
Bias Control
(0)
0
BIAS_ENA
0
Enables the Normal bias current generator
(for all analogue functions)
0 = Disabled
1 = Enabled
Table 29 Reference Voltages and Master Bias Enable
CHARGE PUMP
The WM8912 incorporates a dual-mode Charge Pump which generates the supply rails for the
headphone and line output drivers, HPOUTL, HPOUTR, and LINEOUTL and LINEOUTR. The
Charge Pump has a single supply input, CPVDD, and generates split rails CPVOUTP and
CPVOUTN according to the selected mode of operation. The Charge Pump connections are
illustrated in Figure 24 (see the “Electrical Characteristics” section for external component values).
An input decoupling capacitor may also be required at CPVDD, depending upon the system
configuration.
Figure 24 Charge Pump External Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com