Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
DCS_TRIG_STAR
TUP_1
0
Writing 1 to this bit selects Start-Up
DC Servo mode for HPOUTR.
In readback, a value of 1 indicates
that the DC Servo Start-Up correction
is in progress.
4
DCS_TRIG_STAR
TUP_0
0
Writing 1 to this bit selects Start-Up
DC Servo mode for HPOUTL.
In readback, a value of 1 indicates
that the DC Servo Start-Up correction
is in progress.
3
DCS_TRIG_DAC_
WR_3
0
Writing 1 to this bit selects DAC Write
DC Servo mode for LINEOUTR.
In readback, a value of 1 indicates
that the DC Servo DAC Write
correction is in progress.
2
DCS_TRIG_DAC_
WR_2
0
Writing 1 to this bit selects DAC Write
DC Servo mode for LINEOUTL.
In readback, a value of 1 indicates
that the DC Servo DAC Write
correction is in progress.
1
DCS_TRIG_DAC_
WR_1
0
Writing 1 to this bit selects DAC Write
DC Servo mode for HPOUTR.
In readback, a value of 1 indicates
that the DC Servo DAC Write
correction is in progress.
0
DCS_TRIG_DAC_
WR_0
0
Writing 1 to this bit selects DAC Write
DC Servo mode for HPOUTL.
In readback, a value of 1 indicates
that the DC Servo DAC Write
correction is in progress.
R67 (43h)
DC Servo 0
3
DCS_ENA_CHAN
_3
0
DC Servo enable for LINEOUTR
0 = disabled
1 = enabled
2
DCS_ENA_CHAN
_2
0
DC Servo enable for LINEOUTL
0 = disabled
1 = enabled
1
DCS_ENA_CHAN
_1
0
DC Servo enable for HPOUTR
0 = disabled
1 = enabled
0
DCS_ENA_CHAN
_0
0
DC Servo enable for HPOUTL
0 = disabled
1 = enabled
R73 (49h)
DC Servo 6
7:0
DCS_DAC_WR_V
AL_3 [7:0]
0000 0000
DC Offset value for LINEOUTR in
DAC Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com