Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
11
CHARGE PUMP
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up Time
260
μs
CPCA
Normal mode
CPVDD
V
Low power mode
CPVDD/2
V
CPCB
Normal mode
-CPVDD
V
Low power mode
-CPVDD/2
V
External component requirements
To achieve specified headphone output power and performance
Flyback Capacitor
(between CPCA and CPCB)
at 2V
1
2.2
μF
CPVOUTN Capacitor
at 2V
2
2.2
μF
CPVOUTP Capacitor
at 2V
2
2.2
μF
FLL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Frequency
FREF
FLL_CLK_REF_DIV = 00
0.032
13.5
MHz
FLL_CLK_REF_DIV = 01
0.064
27
MHz
Lock time
2
ms
Free-running mode start-up time
VMID enabled
100
μs
Free-running mode frequency accuracy
Reference supplied
initially
+/-10
%
No reference provided
+/-30
%
OTHER PARAMETERS
VMID Reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Midrail Reference Voltage (VMID pin)
-3%
AVDD/2
+3%
V
Charge up time (from fully discharged
to +5% or -10% of VMID)
External capacitor
4.7
μF
890
μs
Digital Inputs / Outputs
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input HIGH Level
VIH
0.7
×DBVDD
V
Input LOW Level
VIL
0.3
×DBVDD
V
Output HIGH Level
VOH
IOH = +1mA
0.9
×DBVDD
V
Output LOW Level
VOL
IOL = -1mA
0.1
×DBVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com