Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
47
The Charge Pump is enabled by setting the CP_ENA bit. When enabled, the charge pump adjusts
the output voltages (CPVOUTP and CPVOUTN) as well as the switching frequency in order to
optimise the power consumption according to the operating conditions. This can take two forms,
which are selected using the CP_DYN_PWR register bit.
•
Register control (CP_DYN_PWR = 0)
•
Dynamic control (CP_DYN_PWR = 1)
Under Register control, the HPOUTL_VOL, HPOUTR_VOL, LINEOUTL_VOL and LINEOUTR_VOL
register settings are used to control the charge pump mode of operation.
Under Dynamic control, the audio signal level in the DAC is used to control the charge pump mode of
operation. This is the Wolfson ‘Class W’ mode, which allows the power consumption to be optimised
in real time.
Under the recommended usage conditions of the WM8912, the Charge Pump will be enabled by
running the default headphone Start-Up sequence as described in the “Control Write Sequencer”
section. (Similarly, it will be disabled by running the Shutdown sequence.) In these cases, the user
does not need to write to the CP_ENA bit. The Charge Pump operating mode defaults to Register
control; Dynamic control may be selected by setting the CP_DYN_PWR register bit, if appropriate.
Note that the charge pump clock is derived from internal clock SYSCLK; this may derived from
MCLK directly or else using the FLL output, as determined by the SYSCLK_SRC bit. Under normal
circumstances an external clock signal must be present for the charge pump to function. However,
the FLL has a free-running mode that does not require an external clock but will generate an internal
clock suitable for running the charge pump. The clock division from SYSCLK is handled transparently
by the WM8912 without user intervention, as long as SYSCLK and sample rates are set correctly.
Refer to the “Clocking and Sample Rates” section for more detail on the FLL and clocking
configuration.
The Charge Pump control fields are described in Table 30.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R98 (62h)
Charge
Pump 0
0
CP_ENA
0
Enable charge-pump digits
0 = disable
1 = enable
R104 (68h)
Class W (0)
0
CP_DYN_PWR
0
Enable dynamic charge pump power
control
0 = Charge pump controlled by
volume register settings (Class G)
1 = Charge pump controlled by real-
time audio level (Class W)
Class W is recommended for lowest
power consumption
Table 30 Charge Pump Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com