Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
12
POWER CONSUMPTION
The WM8912 power consumption is dependent on many parameters. Most significantly, it depends
on supply voltages, sample rates, mode of operation, and output loading.
The power consumption on each supply rail varies approximately with the square of the voltage.
Power consumption is greater at fast sample rates than at slower ones. When the digital audio
interface is operating in Master mode, the DBVDD current is significantly greater than in Slave mode.
(Note also that power savings can be made by using MCLK as the BCLK source in Slave mode.) The
output load conditions (impedance, capacitance and inductance) can also impact significantly on the
device power consumption.
COMMON TEST CONDITIONS
Unless otherwise stated, the following test conditions apply throughout the following sections:
•
Ambient temperature = +25°C
•
Audio signal = quiescent (zero amplitude)
•
Sample rate = 48kHz
•
MCLK = 12.288MHz
•
Audio interface mode = Slave (LRCLK_DIR=0, BCLK_DIR=0)
•
SYSCLK_SRC = 0 (system clock comes direct from MCLK, not from FLL)
Additional, variant test conditions are quoted within the relevant sections below. Where applicable,
power dissipated in the headphone or line loads is included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com