Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
35
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33 (21h)
DAC Digital 1
10
DAC_MUTERA
TE
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp
time is 10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp
time is 171ms at fs=48k)
9
DAC_UNMUTE
_RAMP
0
DAC Soft Mute Mode
0 = Disabling soft-mute
(DAC_MUTE=0) will cause the DAC
volume to change immediately to
DACL_VOL and DACR_VOL settings
1 = Disabling soft-mute
(DAC_MUTE=0) will cause the DAC
volume to ramp up gradually to the
DACL_VOL and DACR_VOL settings
3
DAC_MUTE
1
DAC Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
Table 18 DAC Soft-Mute Control
DAC MONO MIX
A DAC digital mono-mix mode can be enabled using the DAC_MONO register bit. This mono mix will
be output on whichever DAC is enabled. To prevent clipping, a -6dB attenuation is automatically
applied to the mono mix.
The mono mix is only supported when one or other DAC is disabled. When the mono mix is selected,
then the mono mix is output on the enabled DAC only; there is no output from the disabled DAC. If
DACL_ENA and DACR_ENA are both set, then stereo operation applies.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33 (21h)
DAC Digital 1
12
DAC_MONO
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono mix output on
enabled DAC)
Table 19 DAC Mono Mix
DAC DE-EMPHASIS
Digital de-emphasis can be applied to the DAC playback data (e.g. when the data comes from a CD
with pre-emphasis used in the recording). De-emphasis filtering is available for sample rates of
48kHz, 44.1kHz and 32kHz. See “Digital Filter Characteristics” for details of de-emphasis filter
characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33 (21h)
DAC Digital 1
2:1
DEEMPH [1:0]
00
DAC De-Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Table 20 DAC De-Emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com