Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
36
DAC SLOPING STOPBAND FILTER
Two DAC filter types are available, selected by the register bit DAC_SB_FILT. When operating at
lower sample rates (e.g. during voice communication) it is recommended that the sloping stopband
filter type is selected (DAC_SB_FILT=1) to reduce out-of-band noise which can be audible at low
DAC sample rates. See “Digital Filter Characteristics” for details of DAC filter characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33 (21h)
DAC Digital 1
11
DAC_SB_FILT
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Table 21 DAC Sloping Stopband Filter
DAC OVERSAMPLING RATIO (OSR)
The DAC oversampling rate is programmable to allow power consumption versus audio performance
trade-offs. The default oversampling rate is low for reduced power consumption; using the higher
OSR setting improves the DAC signal-to-noise performance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33 (21h)
DAC Digital 1
6
DAC_OSR128
0
DAC Oversample Rate Select
0 = Low power (normal OSR)
1 = High performance (double OSR)
Table 22 DAC Oversampling Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com