Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
86
Note that a ‘Dummy’ write can be inserted into a control sequence by commanding the sequencer to
write a value of 0 to bit 0 of Register R255 (FFh). This is effectively a write to a non-existent register
location. This can be used in order to create placeholders ready for easy adaptation of the sequence.
For example, a sequence could be defined to power-up a mono signal path from DACL to
headphone, with a ‘dummy’ write included to leave space for easy modification to a stereo signal
path configuration. Dummy writes can also be used in order to implement additional time delays
between register writes. Dummy writes are included in the default start-up sequence – see Table 59.
In summary, the Control Register to be written is set by the WSEQ_ADDR field. The data bits that
are written are determined by a combination of WSEQ_DATA_START, WSEQ_DATA_WIDTH and
WSEQ_DATA. This is illustrated below for an example case of writing to the VMID_RES field within
Register R5 (05h).
Figure 53 Control Write Sequencer Example
In this example, the Start Position is bit 01 (WSEQ_DATA_START = 0001b) and the Data width is 2
bits (WSEQ_DATA_WIDTH = 0001b). With these settings, the Control Write Sequencer would
updated the Control Register R5 [2:1] with the contents of WSEQ_DATA [1:0].
DEFAULT SEQUENCES
When the WM8912 is powered up, two Control Write Sequences are available through default
settings in both RAM and ROM memory locations. The purpose of these sequences, and the register
write required to initiate them, is summarised in Table 58. A single register write will initiate the
sequence in both cases.
WSEQ START
INDEX
WSEQ FINISH
INDEX
PURPOSE
TO INITIATE
0 (00h)
22 (16h)
Start-Up sequence
Write 0100h to
Register R111 (6Fh)
25 (19h)
39 (27h)
Shutdown sequence
Write 0119h to
Register R111 (6Fh)
Table 58 Write Sequencer Default Sequences
Note on Shutdown sequence: The instruction at Index Address 25 (19h) shorts the outputs
LINEOUTL and LINEOUTR. If the Line outputs are not in use at the time the sequence is run, then
the sequence could, instead, be started at Index Address 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com