Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
59
DIGITAL AUDIO INTERFACE CONTROL
The register bits controlling audio data format, word length, left/right channel data source and TDM
are summarised in Table 33.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
5
AIFDACL_SR
C
0
Left DAC Data Source Select
0 = Left DAC outputs left channel data
1 = Left DAC outputs right channel data
4
AIFDACR_SR
C
1
Right DAC Data Source Select
0 = Right DAC outputs left channel data
1 = Right DAC outputs right channel data
R25 (19h)
Audio
Interface 1
13
AIFDAC_TDM
0
DAC TDM Enable
0 = Normal DACDAT operation
1 = TDM enabled on DACDAT
12
AIFDAC_TDM
_CHAN
0
DACDAT TDM Channel Select
0 = DACDAT data input on slot 0
1 = DACDAT data input on slot 1
7
AIF_BCLK_IN
V
0
BCLK Invert
0 = BCLK not inverted
1 = BCLK inverted
4
AIF_LRCLK_I
NV
0
LRC Polarity / DSP Mode A-B select.
Right, left and I2S modes – LRC polarity
0 = Not Inverted
1 = Inverted
DSP Mode – Mode A-B select
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
3:2
AIF_WL [1:0]
10
Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
1:0
AIF_FMT [1:0]
10
Digital Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I2S
11 = DSP
Table 33 Digital Audio Interface Data Control
AUDIO INTERFACE OUTPUT TRI-STATE
Register bit AIF_TRIS can be used to tri-state the audio interface pins as described in Table 34. All
digital audio interface pins will be tri-stated by this function, regardless of the state of other registers
which control these pin configurations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Audio
Interface 1
8
AIF_TRIS
0
Audio Interface Tristate
0 = Audio interface pins operate normally
1 = Tristate all audio interface pins
Table 34 Digital Audio Interface Tri-State Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com