Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
64
CLOCKING AND SAMPLE RATES
The internal clocks for the WM8912 are all derived from a common internal clock source, SYSCLK.
This clock is the reference for the DACs, DSP core functions, digital audio interface, DC servo
control and other internal functions.
SYSCLK can either be derived directly from MCLK, or may be generated from a Frequency Locked
Loop (FLL) using MCLK, BCLK or LRCLK as a reference. Many commonly-used audio sample rates
can be derived directly from typical MCLK frequencies; the FLL provides additional flexibility for a
wide range of MCLK frequencies. To avoid audible glitches, all clock configurations must be set up
before enabling playback. The FLL can be used to generate a free-running clock in the absence of
an external reference source; see “Frequency Locked Loop” for further details.
The WM8912 supports automatic clocking configuration. The programmable dividers associated with
the DACs, DSP core functions and DC servo are configured automatically, with values determined
from the CLK_SYS_RATE and SAMPLE_RATE fields. The user must also configure the OPCLK (if
required), the TOCLK (if required) and the Digital Audio Interface.
Oversample rates of 64fs or 128fs are supported (based on a 48kHz sample rate).
A 256kHz clock, supporting a number of internal functions, is derived from SYSCLK.
The DC servo control is clocked from SYSCLK.
A GPIO Clock, OPCLK, can be derived from SYSCLK and output on a GPIO pin to provide clocking
to other devices. This clock is enabled by OPCLK_ENA and controlled by OPCLK_DIV.
A slow clock, TOCLK, is used to de-bounce the button/accessory detect inputs, and to set the
timeout period for volume updates when zero-cross detect is used. This clock is enabled by
TOCLK_ENA and controlled by TOCLK_RATE, TOCLK_RATE_X4 and TOCLK_RATE_DIV16.
In master mode, BCLK is derived from SYSCLK via a programmable divider set by BCLK_DIV. In
master mode, the LRCLK is derived from BCLK via a programmable divider LRCLK_RATE. The
LRCLK can be derived from an internal or external BCLK source, allowing mixed master/slave
operation.
The control registers associated with Clocking and Sample Rates are shown in Table 39 to Table 43.
The overall clocking scheme for the WM8912 is illustrated in Figure 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com