Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N80FP Datasheet (PDF) - A POWER MICROELECTRONICS

AP4N80FP Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4N80FP
Download  AP4N80FP Download
File Size   871.21 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 800V N-Plance Enhancement Mode MOSFET

AP4N80FP Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4N80FP Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4N80FP
Download  AP4N80FP Click to download

File Size   871.21 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 800V N-Plance Enhancement Mode MOSFET

AP4N80FP Datasheet (HTML) - A POWER MICROELECTRONICS


AP4N80FP Product details

Features
- VDS =800V,ID =4A
- RDS(ON) < @ VGS=10V

Applications
- 100% UIS Test
- Simple Drive Requirement
- Fast Switching Characteristic
- RoHS Compliant & Halogen-Free




Similar Part No. - AP4N80FP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4N80D APME-AP4N80D Datasheet
818Kb / 7P
800V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N80DY APME-AP4N80DY Datasheet
818Kb / 7P
800V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N80Y APME-AP4N80Y Datasheet
818Kb / 7P
800V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP4N80FP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP1N80 PANJIT-PJP1N80 Datasheet
227Kb / 6P
800V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY7N80T HY-HY7N80T Datasheet
232Kb / 4P
800V / 7A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
8N80 WXDH-8N80 Datasheet
780Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
E8N80 WXDH-E8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
901Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
E7N80 WXDH-E7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F7N80 WXDH-F7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F8N80 WXDH-F8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
I7N80 WXDH-I7N80 Datasheet
899Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
I8N80 WXDH-I8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com