Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N80FP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP4N80FP
Description  800V N-Plance Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4N80FP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4N80FP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP4N80FIP
800V N-Plance Enhancement Mode MOSFET
AP4N80F/P Rve3.8
臺灣永源微電子科技有限公司
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
800
-
-
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V, ID=2A
-
-
2.5
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2.5
-
4.5
V
gfs
Forward Transconductance
VDS=20V, ID=2A
-
5.3
-
S
IDSS
Drain-Source Leakage Current
VDS=640V, VGS=0V
-
-
100
uA
IGSS
Gate-Source Leakage
VGS=+30V, VDS=0V
-
-
+1
uA
Qg
Total Gate Charge
ID=4A
VDS=640V
VGS=10V
-
27
43.2
nC
Qgs
Gate-Source Charge
-
4
-
nC
Qgd
Gate-Drain ("Miller") Charge
-
15
-
nC
td(on)
Turn-on Delay Time
VDD=400V
ID=4A
RG=25Ω
VGS=10V
-
14
-
ns
tr
Rise Time
-
30
-
ns
td(off)
Turn-off Delay Time
-
69
-
ns
tf
Fall Time
-
34
-
ns
Ciss
Input Capacitance
VGS=0V
VDS=100V f=1.0MHz.
-
680
1088
pF
Coss
Output Capacitance
-
40
-
pF
Crss
Reverse Transfer Capacitance
-
10
-
pF
Rg
Gate Resistance
f=1.0MHz
-
3.7
7.4
Ω
VSD
Forward On Voltage2
IS=4A, VGS=0V
-
-
1.5
V
trr
Reverse Recovery Time
IS=4A, VGS=0V dI/dt=100A/µs
-
430
-
ns
Qrr
Reverse Recovery Charge
-
1.9
-
uC
Notes:
1.Pulse width limited by max. junction temperature.
2.Pulse test
3.Ensure that the junction temperature does not exceed TJmax..



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com