Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C160 Datasheet (PDF) - STMicroelectronics

M27C160 Datasheet PDF - STMicroelectronics
Part # M27C160
Download  M27C160 Download
File Size   187.33 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM

M27C160 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27C160 Datasheet PDF - STMicroelectronics

Part # M27C160
Download  M27C160 Click to download

File Size   187.33 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM

M27C160 Datasheet (HTML) - STMicroelectronics


M27C160 Product details

DESCRIPTION

The M27C160 is a 16 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for micro processor systems requiring large data or program storage and is organised as either 2 Mbit words of 8 bit or 1 Mbit words of 16 bit. The pin-out is compatible with a 16 Mbit Mask ROM.

The FDIP42W (window ceramic frit-seal package) has a transparent lid which allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written rapidly to the device by following the programming procedure.

For applications where the content is programmed only one time and erasure is not required, the M27C160 is offered in PDIP42, SDIP42, PLCC44 and SO44 packages.



■ 5V ± 10% SUPPLY VOLTAGE in READ OPERATION

■ ACCESS TIME: 50ns

■ BYTE-WIDE or WORD-WIDE CONFIGURABLE

■ 16 Mbit MASK ROM REPLACEMENT

■ LOW POWER CONSUMPTION

   – Active Current 70mA at 8MHz

   – Standby Current 100µA

■ PROGRAMMING VOLTAGE: 12.5V ± 0.25V

■ PROGRAMMING TIME: 50µs/word

■ ELECTRONIC SIGNATURE

   – Manufacturer Code: 20h

   – Device Code: B1h



 




Similar Part No. - M27C160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100B1 STMICROELECTRONICS-M27C160-100B1 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100B6 STMICROELECTRONICS-M27C160-100B6 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100F1 STMICROELECTRONICS-M27C160-100F1 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100F6 STMICROELECTRONICS-M27C160-100F6 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
More results


Similar Description - M27C160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C320 STMICROELECTRONICS-M27C320 Datasheet
94Kb / 15P
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27V320 STMICROELECTRONICS-M27V320 Datasheet
144Kb / 15P
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com