Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C160
Description  16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C160 Datasheet HTML 1Page - STMicroelectronics M27C160 Datasheet HTML 2Page - STMicroelectronics M27C160 Datasheet HTML 3Page - STMicroelectronics M27C160 Datasheet HTML 4Page - STMicroelectronics M27C160 Datasheet HTML 5Page - STMicroelectronics M27C160 Datasheet HTML 6Page - STMicroelectronics M27C160 Datasheet HTML 7Page - STMicroelectronics M27C160 Datasheet HTML 8Page - STMicroelectronics M27C160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
January 2002
M27C160
16 Mbit (2Mb x 8 or 1Mb x 16) UV EPROM and OTP EPROM
s
5V ± 10% SUPPLY VOLTAGE in READ
OPERATION
s
ACCESS TIME: 50ns
s
BYTE-WIDE or WORD-WIDE
CONFIGURABLE
s
16 Mbit MASK ROM REPLACEMENT
s
LOW POWER CONSUMPTION
– Active Current 70mA at 8MHz
– Standby Current 100µA
s
PROGRAMMING VOLTAGE: 12.5V ± 0.25V
s
PROGRAMMING TIME: 50µs/word
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: B1h
DESCRIPTION
The M27C160 is a 16 Mbit EPROM offered in the
two ranges UV (ultra violet erase) and OTP (one
time programmable). It is ideally suited for micro-
processor systems requiring large data or program
storage and is organised as either 2 Mbit words of
8 bit or 1 Mbit words of 16 bit. The pin-out is com-
patible with a 16 Mbit Mask ROM.
The FDIP42W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written rapidly to
the device by following the programming proce-
dure.
For applications where the content is programmed
only one time and erasure is not required, the
M27C160 is offered in PDIP42, SDIP42, PLCC44
and SO44 packages.
44
1
1
42
1
42
FDIP42W (F)
SO44 (M)
PDIP42 (B)
PLCC44 (K)
SDIP42 (S)
1
42
Figure 1. Logic Diagram
AI00739B
20
A0-A19
BYTEVPP
Q0-Q14
VCC
M27C160
G
E
VSS
15
Q15A–1


Similar Part No. - M27C160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100B1 STMICROELECTRONICS-M27C160-100B1 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100B6 STMICROELECTRONICS-M27C160-100B6 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100F1 STMICROELECTRONICS-M27C160-100F1 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
M27C160-100F6 STMICROELECTRONICS-M27C160-100F6 Datasheet
258Kb / 26P
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
12-Apr-2006
More results

Similar Description - M27C160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C320 STMICROELECTRONICS-M27C320 Datasheet
94Kb / 15P
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27V320 STMICROELECTRONICS-M27V320 Datasheet
144Kb / 15P
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com