Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8352AL2 Datasheet (PDF) - Renesas Technology Corp

PS8352AL2 Datasheet PDF - Renesas Technology Corp
Part # PS8352AL2_V01
Download  PS8352AL2 Download
File Size   540.92 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER

PS8352AL2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS8352AL2 Datasheet PDF - Renesas Technology Corp

Part # PS8352AL2_V01
Download  PS8352AL2 Click to download

File Size   540.92 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER

PS8352AL2 Datasheet (HTML) - Renesas Technology Corp


PS8352AL2 Product details

 Non-linearity (NL200 = 0.35 % MAX.)
 High common mode transient immunity (CMTI = 10 kV/s MIN.)
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Gain tolerance (G = 7.92 to 8.08 (1 %))
Gain: 8 V/V TYP.
 Package: 8-pin DIP lead bending type for long creepage distance
for surface mount (L2)
 Embossed tape product: PS8352AL2-E3: 2 000 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Double protection
 CSA approved: CAN/CSA-C22.2 62368-1, Reinforced insulation
 VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS8352AL2_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8352AL2-V RENESAS-PS8352AL2-V Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8352AL2-V-AX RENESAS-PS8352AL2-V-AX Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8352AL2-V-E3 RENESAS-PS8352AL2-V-E3 Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8352AL2-V-E3-AX RENESAS-PS8352AL2-V-E3-AX Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results


Similar Description - PS8352AL2_V01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Renesas Technology Corp
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com