Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7840 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-7840 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-7840
Download  HCPL-7840 Download
File Size   217.77 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Analog Isolation Amplifier

HCPL-7840 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7840 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-7840
Download  HCPL-7840 Click to download

File Size   217.77 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Analog Isolation Amplifier

HCPL-7840 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-7840 Product details

Description

The HCPL-7840 isolation amplifier provides accurate, electrically isolated and amplified representations of voltage and current.

When used with a shunt resistor in the current path, the HCPL-7840 offers superior reliability, cost effectiveness, size and autoinsertability compared with the traditional solutions such as current transformers and Hall effect sensors.



Features

• High Common Mode Rejection (CMR): 15 kV/µs at VCM = 1000 V

• 5% Gain Tolerance

• 0.1% Nonlinearity

• Low Offset Voltage and Off set Temperature Coefficient

• 100 kHz Bandwidth

• Performance Specified Over -40°C to 85°C Temperature Range

• Recognized Under UL 1577 and CSA Approved for Dielectric Withstand Proof Test Voltage of 2500 Vac, 1 Minute

• Standard 8-Pin DIP Package



Applications

• Motor Phase and Rail Current Sensing

• Inverter Current Sensing

• Switched Mode Power Supply Signal Isolation

• General Purpose Current Sensing and Monitoring

• General Purpose Analog Signal Isolation



 




Similar Part No. - HCPL-7840

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
Isolation Amplifier
HCPL-7840 AVAGO-HCPL-7840 Datasheet
151Kb / 19P
Isolation Amplifier
logo
Broadcom Corporation.
HCPL-7840 BOARDCOM-HCPL-7840 Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
Isolation Amplifi er
More results


Similar Description - HCPL-7840

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
Renesas Technology Corp
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
Greystone Energy System...
GT-AI GREYSTONE-GT-AI Datasheet
262Kb / 1P
ANALOG ISOLATION MODULE
GT-AI420 GREYSTONE-GT-AI420 Datasheet
226Kb / 1P
ANALOG ISOLATION MODULE
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com