Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7840 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-7840 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-7840
Download  HCPL-7840 Download
File Size   151.77 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Isolation Amplifier

HCPL-7840 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7840 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840
Download  HCPL-7840 Click to download

File Size   151.77 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Isolation Amplifier

HCPL-7840 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-7840 Product details

Description
The HCPL-7840 isolation amplifer family was designed for current sensing in electronic motor drives. In a typical implementation, motor currents flow through an external resistor and the resulting analog voltage drop is sensed by the HCPL-7840. A differential output voltage is created on the other side of the HCPL-7840 optical isolation barrier. This differential output voltage is proportional to the motor current and can be converted to a single-ended signal by using an op-amp as shown in the recommended application circuit. Since common-mode voltage swings of several hundred volts in tens of nanoseconds are common in modern switching inverter motor drives, the HCPL-7840 was designed to ignore very high common mode transient slew rates (of at least 10 kV/μs).
The high CMR capability of the HCPL-7840 isolation amplifer provides the precision and stability needed to accurately monitor motor current in high noise motor control environ-ments, providing for smoother control (less “torque ripple”) in various types of motor control applications.

Features
● 15 kV/μs common-mode rejection at VCM = 1000 V
● Compact, auto-insertable standard 8-pin DIP package
● 0.00025 V/V/°C gain drift vs. temperature
● 0.3 mV input offset voltage
● 100 kHz bandwidth
● 0.004% nonlinearity
● Worldwide safety approval:
   UL 1577 (3750 Vrms/1 min.)
   and CSA, IEC/EN/DIN EN 60747-5-2
● Advanced Sigma-Delta (∑-Δ) A/D converter technology
● Fully differential circuit topology
● 0.8 μm CMOS IC technology

Applications
● Motor phase and rail current sensing
● Inverter current sensing
● Switched mode power supply signal isolation
● General purpose current sensing and monitoring
● General purpose analog signal isolation




Similar Part No. - HCPL-7840

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
Isolation Amplifier
logo
Broadcom Corporation.
HCPL-7840 BOARDCOM-HCPL-7840 Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
Isolation Amplifi er
More results


Similar Description - HCPL-7840

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
Ground isolation amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
Isolation Amplifier
logo
Rohm
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
Ground Isolation Amplifier
logo
New Japan Radio
NJM2505AF-TE1 NJRC-NJM2505AF-TE1 Datasheet
384Kb / 9P
SINGLE ISOLATION AMPLIFIER
NJM2505AF-TE1 NJRC-NJM2505AF-TE1 Datasheet
384Kb / 9P
SINGLE ISOLATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
Automotive Isolation Amplifier with R2Coupler??Isolation
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
Automotive Isolation Amplifier with R2Coupler Isolation
logo
Rohm
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
Ground Isolation Amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
Ground Isolation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com