Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N90P Datasheet (PDF) - A POWER MICROELECTRONICS

AP4N90P Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4N90P
Download  AP4N90P Download
File Size   1215.08 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 900V N-Channel Enhancement Mode MOSFET

AP4N90P Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4N90P Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4N90P
Download  AP4N90P Click to download

File Size   1215.08 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 900V N-Channel Enhancement Mode MOSFET

AP4N90P Datasheet (HTML) - A POWER MICROELECTRONICS


AP4N90P Product details

Features
- VDS = 900V ID =4.0A
- RDS(ON) < 3500mΩ @ VGS=10V (Type:3000mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP4N90P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4N90D APME-AP4N90D Datasheet
1Mb / 8P
900V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N90DY APME-AP4N90DY Datasheet
1Mb / 8P
900V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N90Y APME-AP4N90Y Datasheet
1Mb / 8P
900V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP4N90P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
9NE90 WXDH-9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
F9NE90 WXDH-F9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
I9NE90 WXDH-I9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
logo
DACO SEMICONDUCTOR CO.,...
DADMI056N090Z1B DACO-DADMI056N090Z1B Datasheet
489Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
Oct 2023 Rev 1.0
DAEMI056N090Z1B DACO-DAEMI056N090Z1B Datasheet
470Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
sep 2023 Rev 1.0
DADMH056N090Z1B DACO-DADMH056N090Z1B Datasheet
483Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
Oct 2023 Rev 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com