Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N90P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4N90P
Description  900V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4N90P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4N90P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4N90P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4N90P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4N90P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4N90P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4N90P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4N90P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP4N90FIPIT
900V N-Channel Enhancement Mode MOSFET
AP4N90F/P/T REV1.0
永源微電子科技有限公司
Description
The AP4N90F/P/T is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 900V ID =4.0A
RDS(ON) < 3500mΩ @ VGS=10V (Type:3000mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4N90F
TO-220F-3L
AP4N90F XXX YYYY
1000
AP4N90P
TO-220-3L
AP4N90P XXX YYYY
1000
AP4N90T
TO-263-3L
AP4N90T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
900
V
VGS
Gate-Source Voltage
± 30
V
ID@TC=25
℃
Drain Current, VGS @ 10V
4.0
A
ID@TC=100
℃
Drain Current, VGS @ 10V
2.1
A
IDM
Drain Current - Pulsed
16
A
EAS
Single Pulsed Avalanche Energy
125
mJ
IAS
Avalanche Current
6
A
EAR
Repetitive Avalanche Energy
0.72
mJ
PD
Power Dissipation
25
W
Tj ,Tstg
Operating and Storage Temperature Range
-55 to +150
oC
RθJC
Thermal Resistance, Junction-to-Case
5.0
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W


Similar Part No. - AP4N90P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4N90D APME-AP4N90D Datasheet
1Mb / 8P
900V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N90DY APME-AP4N90DY Datasheet
1Mb / 8P
900V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N90Y APME-AP4N90Y Datasheet
1Mb / 8P
900V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP4N90P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
9NE90 WXDH-9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
F9NE90 WXDH-F9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
I9NE90 WXDH-I9NE90 Datasheet
1Mb / 11P
9A 900V N-channel Enhancement Mode Power MOSFET
logo
DACO SEMICONDUCTOR CO.,...
DADMI056N090Z1B DACO-DADMI056N090Z1B Datasheet
489Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
Oct 2023 Rev 1.0
DAEMI056N090Z1B DACO-DAEMI056N090Z1B Datasheet
470Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
sep 2023 Rev 1.0
DADMH056N090Z1B DACO-DADMH056N090Z1B Datasheet
483Kb / 5P
N-Channel Enhancement Mode Power MOSFET 900V / 56A
Oct 2023 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com