Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2533-1-V Datasheet (PDF) - Renesas Technology Corp

PS2533-1-V Datasheet PDF - Renesas Technology Corp
Part # PS2533-1-V
Download  PS2533-1-V Download
File Size   5203.43 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE

PS2533-1-V Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2533-1-V Datasheet PDF - Renesas Technology Corp

Part # PS2533-1-V
Download  PS2533-1-V Click to download

File Size   5203.43 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE

PS2533-1-V Datasheet (HTML) - Renesas Technology Corp


PS2533-1-V Product details

 High collector to emitter voltage (VCEO = 350 V)
 High isolation voltage (BV = 5 000 Vr.m.s.)
 High current transfer ratio (CTR = 4 000 % TYP.)
 High-speed switching (tr , tf = 100 s TYP.)
 Ordering number of taping product: PS2533L-1-F3 : 2 000 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Double protection
 CSA approved: CAN/CSA-C22.2 No. 62368-1, Reinforced insulation
 BSI approved: BS EN 62368-1, Reinforced insulation
 SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
 NEMKO approved: EN 62368-1, Reinforced insulation
 FIMKO approved: EN 62368-1, Reinforced insulation
 DEMKO approved: EN 62368-1, Reinforced insulation
 VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS2533-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2533-1-V NEC-PS2533-1-V Datasheet
173Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2533-1-V CEL-PS2533-1-V Datasheet
538Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2533-1-V RENESAS-PS2533-1-V Datasheet
257Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1-V RENESAS-PS2533-1-V Datasheet
249Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2533-1-V-A CEL-PS2533-1-V-A Datasheet
538Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2533-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2703-1 RENESAS-PS2703-1_15 Datasheet
253Kb / 15P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2535-1 RENESAS-PS2535-1_15 Datasheet
242Kb / 15P
HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com