Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2562-1 Datasheet (PDF) - Renesas Technology Corp

PS2562-1 Datasheet PDF - Renesas Technology Corp
Part # PS2562-1
Download  PS2562-1 Download
File Size   5319.52 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE

PS2562-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2562-1 Datasheet PDF - Renesas Technology Corp

Part # PS2562-1
Download  PS2562-1 Click to download

File Size   5319.52 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE

PS2562-1 Datasheet (HTML) - Renesas Technology Corp


PS2562-1 Product details

• High isolation voltage (BV = 5 000 Vr.m.s.)
• High current transfer ratio (CTR = 2 000 % TYP.)
• High-speed switching (tr, tf = 100 μs TYP.)
• Embossed tape product: PS2562L-1-F3 : 2 000 pcs/reel
: PS2562L2-1-F3 : 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: UL 1577, Double protection
• CSA approved: CSA C22.2 No. 62368-1, Reinforced insulation
• BSI approved: BS EN INC 62368-1, Reinforced insulation
• SEMKO approved: EN INC 62368-1, Reinforced insulation
• NEMKO approved: EN INC 62368-1, Reinforced insulation
• FIMKO approved: EN INC 62368-1, Reinforced insulation
• DEMKO approved: EN INC 62368-1, Reinforced insulation
• VDE approved: DIN EN INC 60747-5-5 (Option)




Similar Part No. - PS2562-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2562-1 NEC-PS2562-1 Datasheet
105Kb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2562-1 CEL-PS2562-1 Datasheet
658Kb / 22P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1 Datasheet
282Kb / 18P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2562-1 RENESAS-PS2562-1 Datasheet
274Kb / 18P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2562-1-V NEC-PS2562-1-V Datasheet
105Kb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2562-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502L-1-E3 ETC2-PS2502L-1-E3 Datasheet
395Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2702-1 RENESAS-PS2702-1_15 Datasheet
249Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2502-1 RENESAS-PS2502-1 Datasheet
5Mb / 13P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE
Dec 25, 2020
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com