Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSI121 Datasheet (PDF) - Mosel Vitelic, Corp

MSSI121 Datasheet PDF - Mosel Vitelic, Corp
Part # MSSI121
Download  MSSI121 Download
File Size   23.4 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Recording Writer for MSSI121

MSSI121 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSSI121 Datasheet PDF - Mosel Vitelic, Corp

Part # MSSI121
Download  MSSI121 Click to download

File Size   23.4 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Recording Writer for MSSI121

MSSI121 Datasheet (HTML) - Mosel Vitelic, Corp


MSSI121 Product details

Description
The MSSI121/241/241B is an one time programmable CMOS VLSI ASIC that can memorize voice for 7-12 / 13-24 seconds using 6-bit MOSEL qualified coding method (MPCM). Most of the necessary circuit are built in like oscillator, ROM, DAC and interface logic. Versatile functions can be performed with minimum external components. Customer voice data will be edited and built in by MOSEL writer in an instant time base.

Features
■ Single power supply can operate at 2.4V through 6V.
■ Current output can drive 8 ohm speaker with a transistor, Vout can drive buzzer directly.
■ The voice content is stored for 7-12 seconds for SI121 ( 13-24 for SI241/241B ) including mute
■ and is single section / phrase and single trigger.
■ Automatic power down.
■ A phrase is composed of repetitive sections.
■ Interrupt function (INTP) stops the audio output at once.
■ An LED function with 3Hz flash is provided to tell the audio status.
■ Repeat pin was provided to keep audio output repeating.
■ Built-in power on play function and is programmable.
■ Programmable option for either Retrigger or not.
■ Programmable option for either Level or Edge trigger type.
■ Programmable option for either Holdable or Unholdable output type.
■ Programmable option for repeat times up to 8 times.
■ Programmable option for either LED display or STOP pulse on LED/STP pin.
■ SI121 can be programmed by MSM9159, MSM9156, MSM9140 & MSM9139.
■ SI241/241B can be programmed by MSM9159, MSM9140.
■ A STOP pulse comes out when audio signal is finished.
■ CDS input interface with 10ms debounce is provided for trigger pin, REP pin and INTP pin.




Similar Part No. - MSSI121

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
12 Instant Voice VROM
More results


Similar Description - MSSI121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6750H PHILIPS-SAA6750H Datasheet
217Kb / 60P
Encoder for MPEG2 image recording EMPIRE
2000 May 03
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
Recording/Playback Amplifier for VHS VCRs
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
logo
List of Unclassifed Man...
BRXL-PC6U2B ETC2-BRXL-PC6U2B Datasheet
1Mb / 2P
Portable BDXL Blu-ray Writer
logo
Aplus Intergrated Circu...
FRC616 APLUS-FRC616 Datasheet
594Kb / 17P
Recording Controller
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
01-Sep-2008
logo
M-System Co.,Ltd.
71VR1 MSYSTEM-71VR1 Datasheet
242Kb / 7P
Paperless Recording System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com