Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSI121 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSSI121
Description  Recording Writer for MSSI121
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSSI121 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSSI121 Datasheet HTML 1Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9161
Recording Writer for MSSI121
12 sec programming time can be chosen at 6K Sample Rate.
Sample Rate can be adjusted by turning the variable Resistor
Voice source can be from either MIC or Line in.
MSSI121 can be programmed, one chip at a time.
Adjusted DIP switch is provided to select the function to be programmed.
Display panel can display recording time, playing time.
An red power ON/OFF switch and three push bottom switches are provided : green
"START", blue "STOP", orange " SELECT / PAUSE".
17 LED lamps are provided :one " LEVEL", one " RUN", one "PAUSE" and 14 " Selection".
A one digit 7-segment LED is provided to display repeat time of option bit.
A 3-digit 7-segment LED is provided to display total duration. "012" means 12 seconds
duration.
A variable resistor is provided to set up sampling rate on the top panel.
An Volume Level indicator is provided.
Speaker is built in bottom plate.
DC 12V / 800mA adaptor is used.
Features
Top Panel
Side Panel
1/2
PID336 06/95
Front Panel
phone
JACK
MOSEL VITELIC INC.
DC JACK
(12V)
Reco
Play
Copy
12
24
24x2
24x3
12
24
24x2
24x3
12
24-1
24-2
24-3
24x2
24x3
Total Duration
Sample Rate Select
RUN
PAUSE
START
STOP
SELECT/PAUSE
Function Setup
12 34 5 678
Set Repeat times
Reset ON/OFF
LINE IN
MIC LEVEL
ON/OFF
PROTalk PT-801 VOICE EPROM&OTP PROGRAMMER
R
+
1 2 345678
ON
DC IN
VCC


Similar Part No. - MSSI121

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
12 Instant Voice VROM
More results

Similar Description - MSSI121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6750H PHILIPS-SAA6750H Datasheet
217Kb / 60P
Encoder for MPEG2 image recording EMPIRE
2000 May 03
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
Recording/Playback Amplifier for VHS VCRs
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
logo
List of Unclassifed Man...
BRXL-PC6U2B ETC2-BRXL-PC6U2B Datasheet
1Mb / 2P
Portable BDXL Blu-ray Writer
logo
Aplus Intergrated Circu...
FRC616 APLUS-FRC616 Datasheet
594Kb / 17P
Recording Controller
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
01-Sep-2008
logo
M-System Co.,Ltd.
71VR1 MSYSTEM-71VR1 Datasheet
242Kb / 7P
Paperless Recording System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com