Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8G02BLI Datasheet (PDF) - A POWER MICROELECTRONICS

AP8G02BLI Datasheet PDF - A POWER MICROELECTRONICS
Part # AP8G02BLI
Download  AP8G02BLI Download
File Size   1454.42 Kbytes
Page   11 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 8A 20V NP

AP8G02BLI Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8G02BLI Datasheet PDF - A POWER MICROELECTRONICS

Part # AP8G02BLI
Download  AP8G02BLI Click to download

File Size   1454.42 Kbytes
Page   11 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 8A 20V NP

AP8G02BLI Datasheet (HTML) - A POWER MICROELECTRONICS


AP8G02BLI Product details

Features
General Features
VDS = 20V ID =8.5A RDS(ON) < 28mΩ @ VGS=4.5V (Type:24mΩ)
VDS = -20V ID =-7.6A
RDS(ON) < 35mΩ @ VGS=-4.5V(Type:29mΩ)
Application
BLDC




Similar Part No. - AP8G02BLI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP8G02BF APME-AP8G02BF Datasheet
893Kb / 10P
20V NP-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP8G02BLI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1798 SANYO-2SA1798 Datasheet
97Kb / 3P
20V/8A Switching Applications
2SA1823 SANYO-2SA1823 Datasheet
95Kb / 3P
20V/8A Switching Applications
2SC4727 SANYO-2SC4727 Datasheet
92Kb / 3P
20V/8A Switching Applications
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
20V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
20V N & P-Channel PowerTrench MOSFETs
logo
Hi-Sincerity Mocroelect...
H08N02CTS HSMC-H08N02CTS Datasheet
42Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 8A)
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDG6332C_F085 FAIRCHILD-FDG6332C_F085 Datasheet
284Kb / 8P
20V N & P-Channel PowerTrench짰MOSFETs
logo
Will Semiconductor Ltd.
WCM2007 WILLSEMI-WCM2007 Datasheet
3Mb / 11P
N- and P-Channel, 20V, MOSFET
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
20V N P Dual Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com