Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4727 Datasheet (PDF) - Sanyo Semicon Device

2SC4727 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4727
Download  2SC4727 Download
File Size   92.21 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/8A Switching Applications

2SC4727 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4727 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4727
Download  2SC4727 Click to download

File Size   92.21 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/8A Switching Applications

2SC4727 Datasheet (HTML) - Sanyo Semicon Device


2SC4727 Product details

20V/8A Switching Applications

Features
• Adoption of MBIT process.
• Low saturation voltage.
• Fast switching speed.
• Large current capacity.
• It is possible to make appliances more compact because its height on board is 9.5mm.
• Effective in automatic inserting and counting stocked amount because of being provided for radial taping.




Similar Part No. - 2SC4727

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4720 ROHM-2SC4720 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SC4720 ROHM-2SC4720 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
2SC4721 ROHM-2SC4721 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SC4721 ROHM-2SC4721 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
Toshiba Semiconductor
2SC4721P TOSHIBA-2SC4721P Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
More results


Similar Description - 2SC4727

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F08A05 MOSPEC-F08A05 Datasheet
129Kb / 2P
FAST RECOVERY RECTIFIERS(8A,50-20V)
logo
Sanyo Semicon Device
2SA1798 SANYO-2SA1798 Datasheet
97Kb / 3P
20V/8A Switching Applications
2SA1823 SANYO-2SA1823 Datasheet
95Kb / 3P
20V/8A Switching Applications
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
50V/8A Switching Applications
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
50V/8A Switching Applications
2SB1267 SANYO-2SB1267 Datasheet
113Kb / 4P
30V/8A High-Current Switching Applications
2SB1468 SANYO-2SB1468 Datasheet
113Kb / 3P
30V/8A High-Speed Switching Applications
2SB919 SANYO-2SB919 Datasheet
102Kb / 3P
30V/8A High-Speed Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com