Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1854 Datasheet (PDF) - Sanyo Semicon Device

2SA1854 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1854
Download  2SA1854 Download
File Size   95.75 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Switching Applications

2SA1854 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1854 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1854
Download  2SA1854 Click to download

File Size   95.75 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Switching Applications

2SA1854 Datasheet (HTML) - Sanyo Semicon Device


2SA1854 Product details

PNP Epiaxial Plannar Silicon Transisor

20V / 5A Switching Applicaions



Features

Adoption of FBET, MBIT processes

Low saturation voltage

Large current capacity

Fast switching speed



Applications

Strobe, power, supplies, relay, relay drivers, lamp drivers




Similar Part No. - 2SA1854

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1850 SANYO-2SA1850 Datasheet
118Kb / 4P
High Definition CRT Display Video Output Applications??????????
2SA1852 SANYO-2SA1852 Datasheet
26Kb / 4P
High Definition CRT Display Video Output Applications
2SA1853 SANYO-2SA1853 Datasheet
101Kb / 3P
High-Definition CRT Display Video Output Applications?
2SA1855 SANYO-2SA1855 Datasheet
127Kb / 4P
50V/4A Switching Applications
2SA1857 SANYO-2SA1857 Datasheet
71Kb / 3P
FM,RM,MIX,IF Amp, High-Frequency General-Purpose Amp Applications????
More results


Similar Description - 2SA1854

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1127 SANYO-2SB1127 Datasheet
89Kb / 3P
20V/5A Swtching Applications
2SB1134 SANYO-2SB1134 Datasheet
123Kb / 4P
50V/5A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1449 SANYO-2SB1449 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1451 SANYO-2SB1451 Datasheet
133Kb / 4P
80V/5A Switching Applications
2SB824 SANYO-2SB824 Datasheet
113Kb / 4P
50V/5A Switching Applications
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
80V/5A Switching Applications
2SC4836 SANYO-2SC4836 Datasheet
90Kb / 3P
20V/5A Switch Applications
2SB1134 SANYO-2SB1134_1 Datasheet
138Kb / 4P
50V/5A Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com