Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB824 Datasheet (PDF) - Sanyo Semicon Device

2SB824 Datasheet PDF - Sanyo Semicon Device
Part # 2SB824
Download  2SB824 Download
File Size   113.69 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/5A Switching Applications

2SB824 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB824 Datasheet PDF - Sanyo Semicon Device

Part # 2SB824
Download  2SB824 Click to download

File Size   113.69 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/5A Switching Applications

2SB824 Datasheet (HTML) - Sanyo Semicon Device


2SB824 Product details

50V/5A Switching Applications

Features
• Low collector-to-emitter saturation voltage :
   VCE(sat)=(–)0.4V max/IC=(–)3A, IB=(–)0.3A.

Applications
• Suitable for relay drivers, high-speed inverters,
   converters, and other general large-current switching.




Similar Part No. - 2SB824

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB824 SAVANTIC-2SB824 Datasheet
141Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB824 JMNIC-2SB824 Datasheet
211Kb / 4P
Silicon PNP Power Transistors
logo
Unisonic Technologies
2SB824 UTC-2SB824 Datasheet
236Kb / 5P
PNP PLANAR SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SB824 ISC-2SB824 Datasheet
172Kb / 4P
Silicon PNP Power Transistors
logo
Unisonic Technologies
2SB824 UTC-2SB824 Datasheet
256Kb / 5P
PNP PLANAR SILICON TRANSISTOR
More results


Similar Description - 2SB824

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1824 SANYO-2SA1824 Datasheet
131Kb / 4P
50V/5A Switching Applications
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1134 SANYO-2SB1134 Datasheet
123Kb / 4P
50V/5A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1449 SANYO-2SB1449 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
80V/5A Switching Applications
2SB1134 SANYO-2SB1134_1 Datasheet
138Kb / 4P
50V/5A Switching Applications
2SD1060 SANYO-2SD1060 Datasheet
57Kb / 5P
50V / 5A Switching Applications
2SD1060 SANYO-2SD1060_12 Datasheet
300Kb / 4P
NPN Epitaxial Planar Silicon Transistor 50V / 5A Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com