Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB920L Datasheet (PDF) - Sanyo Semicon Device

2SB920L Datasheet PDF - Sanyo Semicon Device
Part # 2SB920L
Download  2SB920L Download
File Size   126.48 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 80V/5A Switching Applications

2SB920L Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB920L Datasheet PDF - Sanyo Semicon Device

Part # 2SB920L
Download  2SB920L Click to download

File Size   126.48 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 80V/5A Switching Applications

2SB920L Datasheet (HTML) - Sanyo Semicon Device


2SB920L Product details

Features
· Low-saturation collector-to-emittr voltage : VCE(sat)=–0.5V (PNP), 0.4V (NPN) max.
· High current capacity.

Applications
· Relay drivers, high-speed inverters, converters, and other general high-current switching applications.




Similar Part No. - 2SB920L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB920 ISC-2SB920 Datasheet
110Kb / 2P
High Collector Current:IC= -5A
logo
New Jersey Semi-Conduct...
2SB920 NJSEMI-2SB920 Datasheet
126Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SB920L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1134 SANYO-2SB1134 Datasheet
123Kb / 4P
50V/5A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1449 SANYO-2SB1449 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1451 SANYO-2SB1451 Datasheet
133Kb / 4P
80V/5A Switching Applications
2SB1452 SANYO-2SB1452 Datasheet
132Kb / 4P
80V/7A Switching Applications
2SB921L SANYO-2SB921L Datasheet
120Kb / 4P
80V/7A Switching Applications
2SB922L SANYO-2SB922L Datasheet
94Kb / 3P
80V/12A Switching Applications
2SB1134 SANYO-2SB1134_1 Datasheet
138Kb / 4P
50V/5A Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com