Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4836 Datasheet (PDF) - Sanyo Semicon Device

2SC4836 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4836
Download  2SC4836 Download
File Size   90.94 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Switch Applications

2SC4836 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4836 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4836
Download  2SC4836 Click to download

File Size   90.94 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Switch Applications

2SC4836 Datasheet (HTML) - Sanyo Semicon Device


2SC4836 Product details

20V/5A Switching Applications

Features
• Large allowable collector dissipation.
• Low saturation voltage.
• Large current capacity.
• Fast switching speed.
• Usage of radial taping to meet automatic mounting.

Applications
• Strobes, power supplies, relay drivers, lamp drivers.




Similar Part No. - 2SC4836

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4830 ISC-2SC4830 Datasheet
246Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC4830 NJSEMI-2SC4830 Datasheet
126Kb / 2P
Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SC4831 ETC-2SC4831 Datasheet
78Kb / 1P
SUPER HIGH SPEED SWITCHING TRANSISTORS
logo
Shindengen Electric Mfg...
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
Switching Power Transistor(5A NPN)
logo
Savantic, Inc.
2SC4833 SAVANTIC-2SC4833 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4836

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
Low Frequency Transistor(-20V,-5A)
logo
Sanyo Semicon Device
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1127 SANYO-2SB1127 Datasheet
89Kb / 3P
20V/5A Swtching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
20V/5A Switching Applications
logo
Fuji Electric
F8006N FUJI-F8006N Datasheet
198Kb / 4P
N-channel, Dual 20V/5A
logo
Linear Technology
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
20V, 5A Synchronous Step-Down Regulator
logo
Rohm
RQ6C050BC ROHM-RQ6C050BC Datasheet
2Mb / 14P
Pch -20V -5A Middle Power MOSFET
RUQ050N02FRA ROHM-RUQ050N02FRA Datasheet
2Mb / 15P
Nch 20V 5A Small Signal MOSFET
RQ6C050UN ROHM-RQ6C050UN Datasheet
2Mb / 15P
Nch 20V 5A Small Signal MOSFET
RUQ050N02HZG ROHM-RUQ050N02HZG Datasheet
2Mb / 15P
Nch 20V 5A Small Signal MOSFET
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com