Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1127 Datasheet (PDF) - Sanyo Semicon Device

2SB1127 Datasheet PDF - Sanyo Semicon Device
Part # 2SB1127
Download  2SB1127 Download
File Size   89.47 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Swtching Applications

2SB1127 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1127 Datasheet PDF - Sanyo Semicon Device

Part # 2SB1127
Download  2SB1127 Click to download

File Size   89.47 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Swtching Applications

2SB1127 Datasheet (HTML) - Sanyo Semicon Device


2SB1127 Product details

PNP Epiaxial Plannar Silicon Transisor

20V / 5A Switching Applicaions



Features

Adoption of FBET, MBIT processes

Low saturation voltage

Large current capacity

Fast switching speed



Applications

Strobe, power, supplies, relay, relay drivers, lamp drivers




Similar Part No. - 2SB1127

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1120 SANYO-2SB1120 Datasheet
76Kb / 3P
High-Current Driver Applications
logo
Guangdong Kexin Industr...
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120-E KEXIN-2SB1120-E Datasheet
1Mb / 3P
PNP Transistors
2SB1120-F KEXIN-2SB1120-F Datasheet
1Mb / 3P
PNP Transistors
2SB1120-G KEXIN-2SB1120-G Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - 2SB1127

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
Low Frequency Transistor(-20V,-5A)
logo
Sanyo Semicon Device
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SC4836 SANYO-2SC4836 Datasheet
90Kb / 3P
20V/5A Switch Applications
logo
Fuji Electric
F8006N FUJI-F8006N Datasheet
198Kb / 4P
N-channel, Dual 20V/5A
logo
Toshiba Semiconductor
2SA2097 TOSHIBA-2SA2097 Datasheet
123Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
2SC5886 TOSHIBA-2SC5886_06 Datasheet
141Kb / 5P
Silicon NPN Epitaxial Type High-Speed Swtching Applications
2SA2097 TOSHIBA-2SA2097_06 Datasheet
153Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
logo
Linear Technology
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
20V, 5A Synchronous Step-Down Regulator
logo
Toshiba Semiconductor
2SC5886 TOSHIBA-2SC5886 Datasheet
116Kb / 5P
High-Speed Swtching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com