Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5886 Datasheet (PDF) - Toshiba Semiconductor

2SC5886 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5886
Download  2SC5886 Download
File Size   116.29 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High-Speed Swtching Applications

2SC5886 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5886 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5886
Download  2SC5886 Click to download

File Size   116.29 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High-Speed Swtching Applications

2SC5886 Datasheet (HTML) - Toshiba Semiconductor


2SC5886 Product details

High-Speed Swtching Applications

DC-DC Converter Applications



• High DC current gain: hFE = 400 to 1000 (IC = 0.5 A)

• Low collector-emitter saturation: VCE (sat) = 0.22 V (max)

• High-speed switching: tf = 55 ns (typ.)




Similar Part No. - 2SC5886

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5886 TOSHIBA-2SC5886 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5886 TOSHIBA-2SC5886 Datasheet
176Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
2010-02-05
2SC5886A TOSHIBA-2SC5886A Datasheet
139Kb / 5P
High-Speed Switching Applications
2SC5886A TOSHIBA-2SC5886A Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC5886A ISC-2SC5886A Datasheet
290Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SC5886

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1127 SANYO-2SB1127 Datasheet
89Kb / 3P
20V/5A Swtching Applications
logo
Toshiba Semiconductor
2SA2097 TOSHIBA-2SA2097 Datasheet
123Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
2SC5886 TOSHIBA-2SC5886_06 Datasheet
141Kb / 5P
Silicon NPN Epitaxial Type High-Speed Swtching Applications
2SA2097 TOSHIBA-2SA2097_06 Datasheet
153Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
logo
Isahaya Electronics Cor...
INK0310AP1 ISAHAYA-INK0310AP1 Datasheet
124Kb / 5P
High Speed Swtching Silicon N-channel MOSFET
logo
Inchange Semiconductor ...
IRF220 ISC-IRF220 Datasheet
48Kb / 2P
High Speed Applications
IRF221 ISC-IRF221 Datasheet
48Kb / 2P
High Speed Applications
IRF223 ISC-IRF223 Datasheet
48Kb / 2P
High Speed Applications
IRF224 ISC-IRF224 Datasheet
48Kb / 2P
High Speed Applications
IRF225 ISC-IRF225 Datasheet
48Kb / 2P
High Speed Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com