Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F8006N Datasheet (PDF) - Fuji Electric

F8006N Datasheet PDF - Fuji Electric
Part # F8006N
Download  F8006N Download
File Size   198.55 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel, Dual 20V/5A

F8006N Datasheet (PDF)

Go To PDF Page Download Datasheet
F8006N Datasheet PDF - Fuji Electric

Part # F8006N
Download  F8006N Click to download

File Size   198.55 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel, Dual 20V/5A

F8006N Datasheet (HTML) - Fuji Electric


F8006N Product details

Features
   Low-on resistance
   VGS = 2.5V driving
   Avalanche capability rating
   Higher pulse-current
   Including G-S zener diode




Similar Part No. - F8006N

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
F80001 UNITEDAUTOMATION-F80001 Datasheet
627Kb / 2P
1.5kW, 3kW and 6kW DIN-Rail Mounted HVAC Controller Phase Burst Fire Power Controller
9 January 2026
logo
Advanced Micro Devices
F800BB12VC AMD-F800BB12VC Datasheet
1Mb / 44P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
F800BB12VD AMD-F800BB12VD Datasheet
1Mb / 44P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
F800BB12VE AMD-F800BB12VE Datasheet
1Mb / 44P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
F800BB12VF AMD-F800BB12VF Datasheet
1Mb / 44P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - F8006N

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3900D TSC-TSM3900D Datasheet
385Kb / 6P
20V Dual N-Channel MOSFET
TSM9966D TSC-TSM9966D_07 Datasheet
369Kb / 6P
20V Dual N-Channel MOSFET
TSM6866SD TSC-TSM6866SD_10 Datasheet
217Kb / 6P
20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
20V Dual N-Channel MOSFET
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2816EB GOOD-ARK-SSF2816EB_15 Datasheet
483Kb / 4P
20V Dual N-Channel MOSFET
logo
KIA Semiconductor Techn...
8205A KIA-8205A Datasheet
217Kb / 5P
5A 20V N-Channel Enhancement-Mode MOSFET
logo
TECH PUBLIC Electronics...
TPM8205TS6 TECHPUBLIC-TPM8205TS6 Datasheet
531Kb / 4P
20V Dual N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com