Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F800BB12VD Datasheet (PDF) - Advanced Micro Devices

F800BB12VD Datasheet PDF - Advanced Micro Devices
Part # F800BB12VD
Download  F800BB12VD Download
File Size   1377.44 Kbytes
Page   44 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory

F800BB12VD Datasheet (PDF)

Go To PDF Page Download Datasheet
F800BB12VD Datasheet PDF - Advanced Micro Devices

Part # F800BB12VD
Download  F800BB12VD Click to download

File Size   1377.44 Kbytes
Page   44 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory

F800BB12VD Datasheet (HTML) - Advanced Micro Devices


F800BB12VD Product details

GENERAL DESCRIPTION
The Am29F800B is an 8 Mbit, 5.0 volt-only Flash memory organized as 1,048,576 bytes or 524,288 words. The device is offered in 44-pin SO, 48-pin TSOP, and 48-ball FBGA packages. The device is also available in Known Good Die (KGD) form. For more information, refer to publication number 21631. The word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. A 12.0 V VPP is not required for write or erase operations. The device can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
   — 5.0 Volt-only operation for read, erase, and
      program operations
   — Minimizes system level requirements
■ Manufactured on 0.32 µm process technology
   — Compatible with 0.5 µm Am29F800 device
■ High performance
   — Access times as fast as 55 ns
■ Low power consumption (typical values at 5 MHz)
   — 1 µA standby mode current
   — 20 mA read current (byte mode)
   — 28 mA read current (word mode)
   — 30 mA program/erase current
■ Flexible sector architecture
   — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
      fifteen 64 Kbyte sectors (byte mode)
   — One 8 Kword, two 4 Kword, one 16 Kword, and
      fifteen 32 Kword sectors (word mode)
   — Supports full chip erase
   — Sector Protection features:
      A hardware method of locking a sector to
      prevent any program or erase operations within
      that sector
   — Sectors can be locked via programming
      equipment
      Temporary Sector Unprotect feature allows code
      changes in previously locked sectors
■ Top or bottom boot block configurations available
■ Embedded Algorithms
   — Embedded Erase algorithm automatically
      preprograms and erases the entire chip or any
      combination of designated sectors
   — Embedded Program algorithm automatically
      writes and verifies data at specified addresses
■ Minimum 1,000,000 program/erase cycles per
   sector guaranteed
■ 20-year data retention at 125°C
   — Reliable operation for the life of the system
■ Package option
   — 48-pin TSOP
   — 44-pin SO
   — 48-ball FBGA
   — Known Good Die (KGD)
      (see publication number 21631) (Continue ...)




Similar Part No. - F800BB12VD

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
F80001 UNITEDAUTOMATION-F80001 Datasheet
627Kb / 2P
1.5kW, 3kW and 6kW DIN-Rail Mounted HVAC Controller Phase Burst Fire Power Controller
9 January 2026
logo
Fuji Electric
F8006N FUJI-F8006N Datasheet
198Kb / 4P
N-channel, Dual 20V/5A
More results


Similar Description - F800BB12VD

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F800B SPANSION-AM29F800B_09 Datasheet
1Mb / 45P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com