Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLCM16 Datasheet (PDF) - Pro-Power

MLCM16 Datasheet PDF - Pro-Power
Part # MLCM16
Download  MLCM16 Download
File Size   152.45 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Cable Gland and Locknut

MLCM16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLCM16 Datasheet PDF - Pro-Power

Part # MLCM16
Download  MLCM16 Click to download

File Size   152.45 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Cable Gland and Locknut

MLCM16 Datasheet (HTML) - Pro-Power


MLCM16 Product details

Features :
• Material : Nickel plated brass
• Clamping Insert : PA (nylon)
• Seal : NBR
• O-ring : Buna-N
• Protection : IP 68 - 5 bar within the specific clamping range
• Operating Temperature : -40°C to +100°C (static)
: -20°C to +80°C (dynamic)




Similar Part No. - MLCM16

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLCM05 ALLIED-MLCM05 Datasheet
1Mb / 1P
Common Mode Filter
MLCM05-670M-RC ALLIED-MLCM05-670M-RC Datasheet
1Mb / 1P
Common Mode Filter
MLCM05-900M-RC ALLIED-MLCM05-900M-RC Datasheet
1Mb / 1P
Common Mode Filter
MLCMF05N2 ALLIED-MLCMF05N2 Datasheet
1Mb / 1P
Common Mode Filter
MLCMF05N2-670M-RC ALLIED-MLCMF05N2-670M-RC Datasheet
1Mb / 1P
Common Mode Filter
More results


Similar Description - MLCM16

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5808253 ALTECH-5808253 Datasheet
184Kb / 2P
Cable Gland
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545090 FIBOX-3545090 Datasheet
145Kb / 2P
Chloroprene Cable gland M20
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
Chloroprene Cable gland PG16
16.08.2023
3545103 FIBOX-3545103 Datasheet
160Kb / 2P
EPDM Cable gland M63
16.08.2023
3545279 FIBOX-3545279 Datasheet
160Kb / 2P
EPDM Cable gland M16
16.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com