Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLCM16 Datasheet(PDF) 1 Page - Pro-Power

Part # MLCM16
Description  Cable Gland and Locknut
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

MLCM16 Datasheet(HTML) 1 Page - Pro-Power

  MLCM16 Datasheet HTML 1Page - Pro-Power MLCM16 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cable Gland and Locknut
Page <1>
09/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Features :
• Material : Nickel plated brass
• Clamping Insert : PA (nylon)
• Seal : NBR
• O-ring : Buna-N
• Protection : IP 68 - 5 bar within the specific clamping range
• Operating Temperature : -40°C to +100°C (static)
: -20°C to +80°C (dynamic)
Specification Table
AG
mm
GL
(mm)
H
(mm)
mm
M12 × 1.5
3 - 6.5
6
19.5
14
M16 × 1.5
4.5 - 10
22
19
M20 × 1.5
6 - 12
24.5
22
M25 × 1.5
9 - 17
7
26
29
M32 × 1.5
11 - 21
8
34
34
M40 × 1.5
19 - 28
36.5
44
M50 × 1.5
27 - 35
9
45
54
M63 × 1.5
34 - 48
10
48
67
Dimensions : Millimetres
Dimensions : Millimetres
d1
d2
S
m
M12 × 1.5
16.6 ±0.2
15
2.8 ±0.2
M16 × 1.5
21 ±0.2
19
M20 × 1.5
25.5 ±0.2
23
3 ±0.2
M25 × 1.5
32 ±0.3
29
3.5 ±0.3
M32 × 1.5
40 ±0.3
36
4 ±0.3
M40 × 1.5
49 ±0.3
45
4.5 ±0.3
M50 × 1.5
60 ±0.3
55
5.5 ±0.3
M63 × 1.5
76 ±0.3
70
6 ±0.3
Dimensions Table


Similar Part No. - MLCM16

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLCM05 ALLIED-MLCM05 Datasheet
1Mb / 1P
Common Mode Filter
MLCM05-670M-RC ALLIED-MLCM05-670M-RC Datasheet
1Mb / 1P
Common Mode Filter
MLCM05-900M-RC ALLIED-MLCM05-900M-RC Datasheet
1Mb / 1P
Common Mode Filter
MLCMF05N2 ALLIED-MLCMF05N2 Datasheet
1Mb / 1P
Common Mode Filter
MLCMF05N2-670M-RC ALLIED-MLCMF05N2-670M-RC Datasheet
1Mb / 1P
Common Mode Filter
More results

Similar Description - MLCM16

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5808253 ALTECH-5808253 Datasheet
184Kb / 2P
Cable Gland
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545090 FIBOX-3545090 Datasheet
145Kb / 2P
Chloroprene Cable gland M20
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
Chloroprene Cable gland PG16
16.08.2023
3545103 FIBOX-3545103 Datasheet
160Kb / 2P
EPDM Cable gland M63
16.08.2023
3545279 FIBOX-3545279 Datasheet
160Kb / 2P
EPDM Cable gland M16
16.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com