Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3A-161DA06 Datasheet (PDF) - Stontronics Ltd.

3A-161DA06 Datasheet PDF - Stontronics Ltd.
Part # 3A-161DA06
Download  3A-161DA06 Download
File Size   560.56 Kbytes
Page   2 Pages
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.
Description 13 ~ 24 Watt C8 Desktop SMPSU Range

3A-161DA06 Datasheet (PDF)

Go To PDF Page Download Datasheet
3A-161DA06 Datasheet PDF - Stontronics Ltd.

Part # 3A-161DA06
Download  3A-161DA06 Click to download

File Size   560.56 Kbytes
Page   2 Pages
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.
Description 13 ~ 24 Watt C8 Desktop SMPSU Range

3A-161DA06 Datasheet (HTML) - Stontronics Ltd.


3A-161DA06 Product details

Features:
• Universal / Full range AC input
• 2 pole IEC320-C8 (Fig-8) inlet
• Class II power (no earth pin)
• Fully enclosed attractive plastic case
• Small & Compact design
• Cost effective and high reliability
• Protections: Over Voltage, Short circuit & Over Temp.
• Approvals: GS, UL/cUL & CE
• Level V ErP/EuP efficiency compliant
• MTBF >50,000 hours
• 1 Year Warranty




Similar Part No. - 3A-161DA06

ManufacturerPart #DatasheetDescription
logo
Stontronics Ltd.
3A-124DA STONTRONICS-3A-124DA Datasheet
669Kb / 2P
10~12Watt Installation & Wall-Mounting Range
3A-124DA05 STONTRONICS-3A-124DA05 Datasheet
958Kb / 2P
12 Watt Desktop C8 SMPSU Range
3A-124DA06 STONTRONICS-3A-124DA06 Datasheet
958Kb / 2P
12 Watt Desktop C8 SMPSU Range
3A-124DA07 STONTRONICS-3A-124DA07 Datasheet
958Kb / 2P
12 Watt Desktop C8 SMPSU Range
3A-124DA09 STONTRONICS-3A-124DA09 Datasheet
958Kb / 2P
12 Watt Desktop C8 SMPSU Range
More results


Similar Description - 3A-161DA06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
15 Watt Desktop Switching Power Adapters
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
24 Watt Desktop Switching Power Adapters
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TRA24 TRUMPOWER-TRA24 Datasheet
57Kb / 1P
24 Watts Desktop Adapters
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P VOLGEN-KTPS24-0540DT-2P Datasheet
1Mb / 1P
Volgen 24 Watt Desktop Series
logo
List of Unclassifed Man...
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P-VI VOLGEN-KTPS24-0540DT-2P-VI Datasheet
190Kb / 3P
24 Watt DoE Level VI Universal Input, Desktop Adapter
KTPS24-24010DT-2P-VI-P1 VOLGEN-KTPS24-24010DT-2P-VI-P1 Datasheet
461Kb / 3P
24 Watt DoE/CEC Level VI Universal Input, Desktop Adapter
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
50 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
65 Watt Universal Input, Desktop Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com