Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB2424S-1W Datasheet (PDF) - Multicomp Pro

MPB2424S-1W Datasheet PDF - Multicomp Pro
Part # MPB2424S-1W
Download  MPB2424S-1W Download
File Size   1195.3 Kbytes
Page   6 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 1W Isolated DC to DC Converters - Single Output

MPB2424S-1W Datasheet (PDF)

Go To PDF Page Download Datasheet
MPB2424S-1W Datasheet PDF - Multicomp Pro

Part # MPB2424S-1W
Download  MPB2424S-1W Click to download

File Size   1195.3 Kbytes
Page   6 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 1W Isolated DC to DC Converters - Single Output

MPB2424S-1W Datasheet (HTML) - Multicomp Pro


MPB2424S-1W Product details

Features
• Continuous short-circuit protection
• No-load input current as low as 8mA
• Operating ambient temperature range: -40°C to +105°C
• High efficiency up to 81%
• I/O isolation test voltage: 1.5kV DC
• Industry standard pin-out




Similar Part No. - MPB2424S-1W

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPB2 HAMMOND-MPB2 Datasheet
185Kb / 3P
Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
MPB2 HAMMOND-MPB2 Datasheet
141Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
MicroPower Direct, LLC
MPB20S03 MPD-MPB20S03 Datasheet
372Kb / 2P
MPB-20S Series
MPB20S05 MPD-MPB20S05 Datasheet
372Kb / 2P
MPB-20S Series
MPB20S09 MPD-MPB20S09 Datasheet
372Kb / 2P
MPB-20S Series
More results


Similar Description - MPB2424S-1W

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com