Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT953K Datasheet (PDF) - Inchange Semiconductor Company Limited

ZXT953K Datasheet PDF - Inchange Semiconductor Company Limited
Part # ZXT953K
Download  ZXT953K Download
File Size   310.49 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

ZXT953K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT953K Datasheet PDF - Inchange Semiconductor Company Limited

Part # ZXT953K
Download  ZXT953K Click to download

File Size   310.49 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

ZXT953K Datasheet (HTML) - Inchange Semiconductor Company Limited


ZXT953K Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= -100V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat): -0.39V(Max) @IC= -5.0A
APPLICATIONS
·DC-DC Converters
·Motor Control
·Power Switches




Similar Part No. - ZXT953K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT953K ZETEX-ZXT953K Datasheet
137Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT953K DIODES-ZXT953K Datasheet
147Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
DECEMBER 2003
logo
Zetex Semiconductors
ZXT953KTC ZETEX-ZXT953KTC Datasheet
137Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT953KTC DIODES-ZXT953KTC Datasheet
147Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
DECEMBER 2003
ZXT953K DIODES-ZXT953K_15 Datasheet
407Kb / 7P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
More results


Similar Description - ZXT953K

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com