Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT953KTC Datasheet (PDF) - Diodes Incorporated

ZXT953KTC Datasheet PDF - Diodes Incorporated
Part # ZXT953KTC
Download  ZXT953KTC Download
File Size   147.48 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK

ZXT953KTC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT953KTC Datasheet PDF - Diodes Incorporated

Part # ZXT953KTC
Download  ZXT953KTC Click to download

File Size   147.48 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK

ZXT953KTC Datasheet (HTML) - Diodes Incorporated


ZXT953KTC Product details

Features
• BVCEO > -100V
• IC = -5A Continuous Collector Current
• ICM = -10A Peak Collector Current
• RSAT = 67mΩ Typical for Low Equivalent On Resistance
• Low Saturation Voltage
• High Gain Hold-Up (100 min @ 1A )
• Lead-Free Finish; RoHS Compliant (Note 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Application
• DC-DC Converters
• Power Switches
• Motor Control
• Automotive Circuits
• Inverter Circuits




Similar Part No. - ZXT953KTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT953KTC ZETEX-ZXT953KTC Datasheet
137Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
More results


Similar Description - ZXT953KTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT951K ZETEX-ZXT951K Datasheet
137Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
ZXT953K ZETEX-ZXT953K Datasheet
137Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZX5T953G DIODES-ZX5T953G Datasheet
135Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
SEPTEMBER 2003
ZXT951K DIODES-ZXT951K Datasheet
147Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
DECEMBER 2003
ZXTP2013G DIODES-ZXTP2013G Datasheet
130Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
JUNE 2005
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 3
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com