Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W401 Datasheet (PDF) - STMicroelectronics

M27W401 Datasheet PDF - STMicroelectronics
Part # M27W401
Download  M27W401 Download
File Size   102.41 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM

M27W401 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27W401 Datasheet PDF - STMicroelectronics

Part # M27W401
Download  M27W401 Click to download

File Size   102.41 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM

M27W401 Datasheet (HTML) - STMicroelectronics


M27W401 Product details

Summary description

The M27W401 is a low voltage 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large data or program storage and is organised as 524,288 by 8 bits.

The M27W401 operates in the read mode with a supply voltage as low as 2.7V at –40 to 85°C temperature range. The decrease in operating power allows either a reduction of the size of the battery or an increase in the time between battery recharges.



Features

■ 2.7V to 3.6V Supply Voltage in Read Operation

■ Access Time:

   – 70 ns at VCC = 3.0V to 3.6V

   – 80 ns at VCC = 2.7V to 3.6V

■ Pin Compatible with M27C4001

■ Low Power Consumption:

   – 15 µA Max. Standby Current

   – 15 mA Max. Active Current at 5 MHz

■ Programming Time 100 µs/byte

■ High Reliability CMOS Technology

   – 2,000V ESD Protection

   – 200 mA Latchup Protection Immunity

■ Electronic Signature

   – Manufacturer Code: 20h

   – Device Code: 41h

■ ECOPACK® packages available



 




Similar Part No. - M27W401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W401 STMICROELECTRONICS-M27W401 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27W401-100B6 STMICROELECTRONICS-M27W401-100B6 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27W401-100F6 STMICROELECTRONICS-M27W401-100F6 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27W401-100K6 STMICROELECTRONICS-M27W401-100K6 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27W401-100N6 STMICROELECTRONICS-M27W401-100N6 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
More results


Similar Description - M27W401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27V405 STMICROELECTRONICS-M27V405 Datasheet
120Kb / 13P
4 Mbit (512Kb x 8) Low Voltage OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
16-Mar-2000
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com