Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V405 Datasheet (PDF) - STMicroelectronics

M27V405 Datasheet PDF - STMicroelectronics
Part # M27V405
Download  M27V405 Download
File Size   120.49 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (512Kb x 8) Low Voltage OTP EPROM

M27V405 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27V405 Datasheet PDF - STMicroelectronics

Part # M27V405
Download  M27V405 Click to download

File Size   120.49 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (512Kb x 8) Low Voltage OTP EPROM

M27V405 Datasheet (HTML) - STMicroelectronics


M27V405 Product details

DESCRIPTION
The M27V405 is a low voltage 4 Mbit EPROM offered in the OTP range (one time programmable).
It is ideally suited for microprocessor systems requiring large data or program storage and is organised as 524,288 by 8 bits.
The M27V405 operates in the read mode with a supply voltage as low as 3V. The decrease in operating power allows either a reduction of the size of the battery or an increase in the time between battery recharges.

■ LOW VOLTAGE READ OPERATION: 3V to 3.6V
■ FAST ACCESS TIME: 120ns
■ LOW POWER CONSUMPTION:
    – Active Current 15mA at 5MHz
    – Standby Current 20µA
■ PROGRAMMING VOLTAGE: 12.75V ± 0.25V
■ PROGRAMMING TIMES:
    – Typical 48sec. (PRESTO II Algorithm)
    – Typical 27sec. (On-Board Programming)
■ PIN COMPATIBLE with the 4 Mbit, Single Voltage Flash Memory
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: B4




Similar Part No. - M27V405

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100B1TR STMICROELECTRONICS-M27V400-100B1TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100B6TR STMICROELECTRONICS-M27V400-100B6TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100F1TR STMICROELECTRONICS-M27V400-100F1TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100F6TR STMICROELECTRONICS-M27V400-100F6TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
More results


Similar Description - M27V405

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
16-Mar-2000
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com