Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V405 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V405
Description  4 Mbit (512Kb x 8) Low Voltage OTP EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V405 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V405 Datasheet HTML 1Page - STMicroelectronics M27V405 Datasheet HTML 2Page - STMicroelectronics M27V405 Datasheet HTML 3Page - STMicroelectronics M27V405 Datasheet HTML 4Page - STMicroelectronics M27V405 Datasheet HTML 5Page - STMicroelectronics M27V405 Datasheet HTML 6Page - STMicroelectronics M27V405 Datasheet HTML 7Page - STMicroelectronics M27V405 Datasheet HTML 8Page - STMicroelectronics M27V405 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
May 1998
M27V405
4 Mbit (512Kb x 8) Low Voltage OTP EPROM
s
LOW VOLTAGE READ OPERATION:
3V to 3.6V
s
FAST ACCESS TIME: 120ns
s
LOW POWER CONSUMPTION:
– Active Current 15mA at 5MHz
– Standby Current 20µA
s
PROGRAMMING VOLTAGE: 12.75V ± 0.25V
s
PROGRAMMING TIMES:
– Typical 48sec. (PRESTO II Algorithm)
– Typical 27sec. (On-Board Programming)
s
PIN COMPATIBLE with the 4 Mbit,
Single Voltage Flash Memory
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: B4
DESCRIPTION
The M27V405 is a low voltage 4 Mbit EPROM of-
fered in the OTP range (one time programmable).
It is ideally suited for microprocessor systems re-
quiring large data or program storage and is orga-
nised as 524,288 by 8 bits.
The M27V405 operates in the read mode with a
supply voltage as low as 3V. The decrease in op-
erating power allows either a reduction of the size
of the battery or an increase in the time between
battery recharges.
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
Figure 1. Logic Diagram
AI01800
19
A0-A18
Q0-Q7
VPP
VCC
M27V405
VSS
8
G
E
Table 1. Signal Names
A0-A18
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M27V405

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100B1TR STMICROELECTRONICS-M27V400-100B1TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100B6TR STMICROELECTRONICS-M27V400-100B6TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100F1TR STMICROELECTRONICS-M27V400-100F1TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100F6TR STMICROELECTRONICS-M27V400-100F6TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
More results

Similar Description - M27V405

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
16-Mar-2000
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com