Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9601DPZ Datasheet (PDF) - NXP Semiconductors

PCA9601DPZ Datasheet PDF - NXP Semiconductors
Part # PCA9601DPZ
Download  PCA9601DPZ Download
File Size   490.26 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual bidirectional bus buffer

PCA9601DPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9601DPZ Datasheet PDF - NXP Semiconductors

Part # PCA9601DPZ
Download  PCA9601DPZ Click to download

File Size   490.26 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual bidirectional bus buffer

PCA9601DPZ Datasheet (HTML) - NXP Semiconductors


PCA9601DPZ Product details

1 General description
The PCA9601 is designed to isolate I2C-bus capacitance, allowing long buses to be
driven in point-to-point or multipoint applications of up to 4 000 pF. The PCA9601 is
a higher-speed version of the P82B96 and a higher drive version of the PCA9600
that allows many more Fast-mode Plus (Fm+) slaves on remote daughter cards in
applications with temperature range of 0 °C to 85 °C.
It creates a non-latching, bidirectional, logic interface between a normal I2C-bus and a
range of other higher capacitance or different voltage bus configurations. It can operate
at speeds up to at least 1 MHz, and the high drive side is compatible with the Fast-mode
Plus specifications.
The PCA9601 features temperature-stabilized logic voltage levels at its SX/SY interface
making it suitable for interfacing with buses that have non I2C-bus-compliant logic levels
such as SMBus, PMBus, or with microprocessors that use those same TTL logic levels.
15 mA drive capability over 0 °C to 85 °C at SX/SY allows driving a 5 V Fm+ bus with
470 pF loading.
The separation of the bidirectional I2C-bus signals into unidirectional TX and RX signals
enables the SDA and SCL signals to be transmitted via balanced transmission lines
(twisted pairs), or with galvanic isolation using opto or magnetic coupling. The TX and RX
signals may be connected together to provide a normal bidirectional signal.
2 Features and benefits
• Bidirectional data transfer of I2C-bus signals
• 15 mA SX/SY sink capability yields 5 V Fm+ bus rise time with 470 pF loads
• Isolates capacitance allowing > 400 pF on SX/SY side and 4000 pF on TX/TY side
• 1 MHz operation on up to 20 meters of wire (see AN10658)
• Supply voltage range of 2.5 V to 15 V with I2C-bus logic levels on SX/SY side
independent of supply voltage
• Splits I2C-bus signal into pairs of forward/reverse TX/RX, TY/RY signals for interface
with opto-electrical isolators and similar devices that need unidirectional input and
output signal paths
• Low power supply current
• ESD protection exceeds 3500 V HBM per JESD22-A114, and 1400 V CDM per
JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Packages offered: SO8 and TSSOP8 (MSOP8)

3 Applications
• Interface between I2C-buses operating at different logic levels (for example, 5 V and 3
V or 15 V)
• Interface between I2C-bus and SMBus (350 μA) standard or Fm+ standard
• Simple conversion of I2C-bus SDA or SCL signals to multi-drop differential bus
hardware, for example, via compatible PCA82C250
• Interfaces with opto-couplers to provide opto-isolation between I2C-bus nodes up to 1
MHz
• Long distance point-to-point or multipoint architectures




Similar Part No. - PCA9601DPZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9601DP NXP-PCA9601DP Datasheet
389Kb / 32P
Dual bidirectional bus buffer
Rev. 2-6 May 2011
More results


Similar Description - PCA9601DPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
Dual bidirectional bus buffer
Rev. 04-11 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
Dual bidirectional bus buffer
Rev. 2-6 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
QUAD BIDIRECTIONAL BUS BUFFER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com