Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9601DPZ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9601DPZ Datasheet HTML 1Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 2Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
The logic threshold voltage levels at SX on this I2C-bus are independent of the IC supply
voltage VCC. The maximum I2C-bus supply voltage is 15 V.
7.1.1 Fast-mode operation
When interfacing with Fast-mode systems, the SX pin is guaranteed to sink the normal
3 mA with a VOL of 0.74 V maximum. That guarantees compliance with the Fast-mode
I2C-bus specification for all I2C-bus voltages greater than 3 V, as well as compliance with
SMBus or other systems that use TTL switching levels.
SX is guaranteed to sink an external 3 mA in addition to its internally sourced pull-up of
typically 300 μA (maximum 1 mA at -40 °C). When selecting the pull-up for the bus at
SX, the sink capability of other connected drivers should be taken into account. Most TTL
devices are specified to sink at least 4 mA so then the pull-up is limited to 3 mA by the
requirement to ensure the 0.8 V TTL LOW.
For Fast-mode I2C-bus operation, the other connected I2C-bus parts may have the
minimum sink capability of 3 mA. SX sources typically 300 μA (maximum 1 mA at -40
°C), which forms part of the external driver loading. When selecting the pull-up it is
necessary to subtract the SX pin pull-up current, so, worst-case at -40 °C, the allowed
pull-up can be limited (by external drivers) to 2 mA.
7.1.2 Fast-mode Plus operation
When the interface at SX is an Fm+ bus with a voltage greater than 4 V, its higher
specified sink capability may be used. PCA9601 has a guaranteed sink capability of
15 mA at VOL = 1 V maximum over 0 °C to 85 °C. That 1 V complies with the bus LOW
requirement (0.25Vbus) of any Fm+ bus operating at 4 V or greater. Since the other
connected Fm+ devices have a drive capability greater than 20 mA, the pull-up may be
selected for 15 mA sink current at VOL = 1 V. For a nominal 5 V bus (5.5 V maximum) the
allowed pull-up is (5.5 V - 1 V) / 15 mA = 300 Ω. With 300 Ω pull-up, the Fm+ rise time of
120 ns maximum can be met with total bus loading up to 470 pF.
7.2 High drive, long distance side
The logic level on RX is determined from the power supply voltage VCC of the chip.
Logic LOW is below 40 % of VCC, and logic HIGH is above 55 % of VCC (with a typical
switching threshold just slightly below half VCC).
TX is an open-collector output without ESD protection diodes to VCC. It may be
connected via a pull-up resistor to a supply voltage in excess of VCC, as long as the 15
V rating is not exceeded. It has a larger current sinking capability than a normal I2C-bus
device, being able to sink a static current of greater than 30 mA, and typical 100 mA
dynamic pull-down capability as well.
A logic LOW is transmitted to TX when the voltage at I2C-bus pin SX is below 0.425
V. A logic LOW at RX will cause I2C-bus pin SX to be pulled to a logic LOW level in
accordance with I2C-bus requirements (maximum 1.5 V in 5 V applications) but not low
enough to be looped back to the TX output and cause the buffer to latch LOW.
The LOW level this chip can achieve on the I2C-bus by a LOW at RX is typically 0.64 V
when sinking 1 mA.
If the supply voltage VCC fails, then neither the I2C-bus nor the TX output will be held
LOW. Their open-collector configuration allows them to be pulled up to the rated
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
4 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com