Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30P02BF Datasheet (PDF) - A POWER MICROELECTRONICS

AP30P02BF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP30P02BF
Download  AP30P02BF Download
File Size   789.97 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -20V P-Channel Enhancement Mode MOSFET

AP30P02BF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP30P02BF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP30P02BF
Download  AP30P02BF Click to download

File Size   789.97 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -20V P-Channel Enhancement Mode MOSFET

AP30P02BF Datasheet (HTML) - A POWER MICROELECTRONICS


AP30P02BF Product details

Features
- VDS = -20V ID =-30A
- RDS(ON) < 12mΩ @ VGS=-4.5V (Type:9.5mΩ)

Applications
- electronic cigarette
- Load switch




Similar Part No. - AP30P02BF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP30P02DF APME-AP30P02DF Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
AP30P02NF APME-AP30P02NF Datasheet
896Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
More results


Similar Description - AP30P02BF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com